PART |
Description |
Maker |
IKA10N60T |
600V & 1200V IGBT for frequencies up to 10kHz for hard switching and up to 30kHz for soft switching with antiparallel diode. ... IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode From old datasheet system
|
INFINEON[Infineon Technologies AG]
|
OM9403SD |
25V 8A Single Channel Hi-Rel IGBT Gate Driver in a DP-10A package IGBT GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
|
IRF[International Rectifier]
|
X9315 X9315WSZ-2.7 X9315TM X9315TM-2.7 X9315TMI X9 |
:SEMITOP 3; Centres, fixing:52.5mm; Current, Ic av:40A; Current, Ic continuous b max:32A; RoHS Compliant: Yes max:2.1V; Case style:SEMITOP 4; Current, Icm pulsed:100A; Temperature, Tj RoHS Compliant: Yes THYRISTOR MODULE, 3 PHASETHYRISTOR MODULE, 3 PHASE; Voltage, Vrrm:1600V; Case style:SEMITOP 3; Current, It rms:68A; Current, Itsm:450A; Voltage, Vgt :SEMITOP-4; Voltage, Vceo:1200V; Voltage, Vce sat max:2.15V; Current, Ic continuous a continuous a max:17A; Voltage, Vce sat max:2.5V; Case style:SEMITOP 3; Current, Icm RoHS Compliant: Yes IGBT MODULE, H BRIDGE 1200VIGBT MODULE, H BRIDGE 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3.2V IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:54A IGBT MODULE, CHOPPER 1200VIGBT MODULE, CHOPPER 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V IGBT MODULE 6 PACK 114A 1200V TRENCHIGBT MODULE 6 PACK 114A 1200V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Voltage :SEMITOP 2; Centres, fixing:38mm; Current, Ic av:23A; Current, Ic continuous b max:15A; RoHS Compliant: Yes IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 3; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V IGBT MODULE, DUAL 1200VIGBT MODULE, DUAL 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:3V; Current, Ic MOSFET MODULE, 6 PACK 75VMOSFET MODULE, 6 PACK 75V; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:100V; Case style:SEMITOP 2 RECTIFIER SCHOTTKY SINGLE 1A 70V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO DIODE SCHOTTKY SINGLE 10V 150mW 0.37V-vf 30mA-IFM 1mA-IF 1uA-IR SOT-523 3K/REEL IGBT MODULE, DUAL 600V; Transistor type:IGBT; Case style:SEMITOP 1; Voltage, Vceo:600V; Voltage, Vce sat max:2V; Current, Ic continuous a max:30A; Current, Icm pulsed:24A; Power, Pd:1400W; Time, rise:35ns; Centres, fixing:28.5mm; Low Noise, Low Power, 32 Taps 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8 IGBT MODULE 6 PACK 96A 600V TRENCHIGBT MODULE 6 PACK 96A 600V TRENCH; Transistor type:3-phase bridge inverter; Case style:SEMITOP-4; Current, Ic continuous a max:100A IGBT MODULE, 6 PACK 1200VIGBT MODULE, 6 PACK 1200V; Transistor type:IGBT; Case style:SEMITOP 2; Voltage, Vceo:1200V; Voltage, Vce sat max:2.1V; Current, Ic continuous a max:22A; Current, Icm pulsed:44A; Power, Pd:1600W; Time,
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
OM9402SP OM9402 |
GATE DRIVER For Driving IGBT Modules 600V and 1200V, 150A to 600A
|
Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
QIQ1245001 POWEREXINC-QIQ1245001 |
Low side Chopper IGBT Module 1200V 450A IGBT / 1200V 750A Fast Diode
|
POWEREX[Powerex Power Semiconductors]
|
SGB07N120 SGP07N120 |
Fast IGBT in NPT-technology IGBTs & DuoPacks - 7A 1200V TO263AB SMD IGBT IGBTs & DuoPacks - 7A 1200V TO 220AB IGBT
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
HGTG30N120CN HGTG30N120D2 |
30A/ 1200V N-Channel IGBT 30A, 1200V N-Channel IGBT 75A 1200V NPT Series N-Channel IGBT
|
INTERSIL[Intersil Corporation] http://
|
7MBP75RJ120 |
IGBT IPM R-series 1200V class 1200V / 75A 7 in one-package
|
Fuji Electric ETC[ETC] List of Unclassifed Manufacturers
|
HGT1S1N120BNDS HGTP1N120BND HGT1S1N120BNDS9A |
5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(5.3A, 1200V,NPT系列N沟道绝缘栅双极型晶体管(带反并行超快速二极管 5.3 A, 1200 V, N-CHANNEL IGBT, TO-263AB 5.3A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SGW25N120 |
IGBTs & DuoPacks - 25A 1200V TO247AC IGBT Fast IGBT in NPT-technology TRANSISTOR,IGBT,N-CHAN,1.2KV V(BR)CES,49A I(C),TO-247AC
|
INFINEON[Infineon Technologies AG]
|
SKP10N60A SKB10N60A SKW10N60A |
Fast IGBT in NPT-technology with soft/ fast recovery anti-parallel EmCon diode IGBTs & DuoPacks - 10A 600V TO220AB IGBT Diode IGBTs & DuoPacks - 10A 600V TO247AC IGBT Diode IGBTs & DuoPacks - 10A 600V TO263AB SMD IGBT Diode
|
Infineon Technologies AG
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
|